Part Number Hot Search : 
3240E L6416 74LS244D 7MDT1 KST92 SMBJ45 04741 HBS602
Product Description
Full Text Search
 

To Download 1N6095R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
1N5829(R) THRU 1N6096(R)
SCHOTTKY DIODES STUD TYPE
25 A
25Amp Rectifier 20-40 Volts
Features
High Surge Capability Types up to 40V VRRM
DO-4
Maximum Ratings
Operating Temperature: -55 C to +150 Storage Temperature: -55 C to +175
N M C
B
J
Part Number 1N5829( R ) 1N5830( R ) 1N6095( R ) 1N5831( R ) 1N6096( R )
Maximum Recurrent Peak Reverse Voltage 20V 25V 30V 35V 40V
Maximum RMS Voltage 14V 17V 21V 25V 28V
Maximum DC Blocking Voltage 20V 25V 30V 35V 40V
P
D G F
A
E
Electrical Characteristics @ 25
Average Forward Current Peak Forward Surge Current NOTE (1) Maximum Instantaneous Forward Voltage Maximum Instantaneous Reverse Current At Rated DC Blocking NOTE (1) Voltage Maximum thermal resistance, junction to case IF(AV) IFSM VF
Unless Otherwise Specified
25A
800A 400A
Notes: 1.Standard Polarity:Stud is Cathode 2.Reverse Polarity:Stud is Anode
DIMENSIONS INCHES MIN MAX 10 -32 UNF3A 1/4 .437 .424 .505 ----.600 .820 .422 .453 .075 .175 ----.405 .310 ----.413 ----.065 .020 .060 .100 MM MIN MAX NOTE Threads Standard Polarity 10.77 11.10 ----12.82 15.24 20.82 10.72 11.50 1.91 4.44 ----10.29 ----7.87 10.49 ----0.51 1.65 1.53 2.54
TC =100
(1N5829~1N5831) (1N6095~1N6096) 8.3ms, Half s i ne
0.58V
IFM =25 A; TJ = 25 TJ = 25 TJ =125
IR
2.0 mA 250 mA
DIM A B C D E F G J M N P
R jc
1.8
/W
Mounting torque
Kgf-cm
11.0~13.4 threads
Not lubricated
NOTE : (1) Pulse Test: Pulse Width 300 usec, Duty Cycle < 2%
Transys
Electronics
LIMITED
1N5829(R) THRU
Figure .2- Forward Derat ing Curve 30
Average ForwArd Rectified Current - AmPeres
1N6096(R)
100 60 40
Figure .1-Typical Forward Characteristics
25
I nStantaneous Forward Current Amperes
20
125 C
Amps
-
15
20
Amps
25 C
10 6.0 4.0
10
5
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 30 60 90 120 150 180
0
Case Te mperature -
2.0
1000 Figure .4- Typical Reverse Characteristics
1.0
0
0.2
0.4
0.6
Volts
0.8
1.0
1.2
600 400 200 100 60 40 Tj =125 C
Instantaneous Forward Voltage - Volts
Tj =150 C
900
Figure .3- Peak Forward Surge Current 8.3ms Single Half Sine Wave JEDEC method T =25 J
Instantaneous Reverse Leakage Current - Mill Amperes
20 10 6
Peak Forward Surge Current -Amperes
750 600
Amps
450 1N5829~1N5831 300 150 1N6095~1N6096 0 1 2 4 6 8 10 20 Cycles Number Of Cycles At 60Hz - Cycles 40 60 80 100
m Amps
4 2 T =75 J 1 .6 .4 .2 .1
.06 .04 T =25 J .02 .01 0 10 20 30 40 50
Volts Revers Voltage - Volts


▲Up To Search▲   

 
Price & Availability of 1N6095R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X